Part Number Hot Search : 
0100A 2PF140 F1003 50010 LA4510 HMC969 FT232 GRM155
Product Description
Full Text Search
 

To Download TL-5101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MODEL TL-5101
International size reference: 1/2AA, ER14252
TECHNICAL DATA
(Typical values @+25C for batteries stored for one year or less)
Nominal capacity @ 0.5 mA, to 2V Rated voltage Weight Volume Operating temperature range U.L. Component Recognition, MH 12193
0.95 Ah 3.6 V 9.2g (0.324 oz) 4.3 cc -55C to +85C
Volts
4.0
DISCHARGE CHARACTERISTICS @ +25 C
3.5
3.0
2.5
2.0
1.8 K ~2 mA (0.7 Ah) 6.8 K ~0.5 mA (0.95 Ah) 36 K 100 K ~0.1 mA ~36 A (0.90 Ah) (0.86 Ah) 360 K ~10 A (0.80 Ah)
1.5
AVAILABLE TERMINATIONS
SUFFIX- /S STANDARD 15-5101-21000 15-5101-31000 15-5101-41000 15-5101-36000 15-5101-52000 15-5101-53000 SUFFIX- /T SOLDER TABS SUFFIX- /P AXIAL PINS
1.0 1 10 100 1000 10000 100000 Hours
SUFFIX- /PT2 RADIAL PINS SUFFIX- /TP POLARIZED TABS SUFFIX- /PT POLARIZED TABS
Volts
3.7 3.6 3.5 3.4 3.3 3.2 3.1 -50
VOLTAGE VS. TEMPERATURE
Ah
1.0 0.9 0.8 0.7
-30C 0C 25C 50C 72C
CAPACITY VS. CURRENT
10 A 30 A 100 A 0.5 mA 1 mA 2 mA
0.6 0.5 0.4 0.3 -30 -10 10 30 50 70
C
0.01
0.1
1
mA
MEMORY BACKUP
Note: Any presentations in this data sheet concerning performance are for information purpose only and are not construed as warranties either expressed or implied, of future performance. Rev. B 03/03


▲Up To Search▲   

 
Price & Availability of TL-5101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X